Part Number Hot Search : 
CJ3406 EPM2210G D2579 LN364GCP 1N2628 DS1315 2SA2168 MAX4374
Product Description
Full Text Search
 

To Download 0876651001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0876651001 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlusTM (SSI) MPS Receptacle, Press-fit, Vertical, Power Beta 6, Signal 24, Power Alpha 5, 35 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87665-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Overview Product Literature Order No Product Name PCB Receptacles 87665 Board-to-Board extreme_powerplus_ssi 987650-3002 EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 35 Power Beta 6, Signal 24, Power Alpha 5 Black 100 No Yes Yes Gold Tin High Temperature Thermoplastic 4 Vertical 0.135 In 3.43 mm No Yes 0.093 In 2.40 mm Tray 0.100 In, 0.250 In 2.54 mm, 6.35 mm 30.4 0.76 101.6 2.54 Yes Yes N/A -20C to +70C Through Hole - Compliant Pin
Search Parts in this Series 87665Series Mates With 87615 EXTreme PowerPlusTM (SSI) MPS Header
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 30A 50V DC
Material Info
Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018, AS-87633-007 PS-87665-006 SD-87665-011
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0876651001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X